|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MBRF1020 THRU MBRF10100 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 10.0 Ampere FEATURES Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ITO-220AC .185(4.7) .173(4.4) .124(3.16) .118(3.00) .406(10.3) .390(9.90) .134(3.4)DIA .113(3.0)DIA .272(6.9) .248(6.3) .112(2.85) .100(2.55) .606(15.5) .583(14.8) MECHANICAL DATA .063(1.6) MAX .161(4.1) .146(3.7) Case: JEDEC ITO-220AC molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250oC/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 2.24 grams (approx.) .110(2.8) .098(2.5) .030(0.76) .020(0.50) .055(1.4) .043(1.1) .035(0.9) .020(0.5) .071(1.8) MAX .543(13.8) .512(13.2) 2 .100(2.55) .100(2.55) PIN 1 Dim ensions in inches and (m illim eters) PIN 2 CASE Case Positive MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @IF = 10.0A Symbol VRRM VRWM VR VR(RMS) IO IFSM V FM IRM Cj Tj, TSTG 0.55 0.5 50 700 -65 to +150 MBRF 1020 MBRF 1030 MBRF 1040 MBRF 1045 MBRF 1050 MBRF 1060 MBRF 1080 MBRF 10100 Unit 20 14 30 21 40 28 45 32 10 150 50 35 60 42 80 56 100 70 V V A A 0.75 0.85 V mA pF C Peak Reverse Current @TA = 25C At Rated DC Blocking Voltage @TA = 100C Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. MBRF1020 THRU MBRF10100 RATINGS AND CHARACTERISTIC CURVES 10 40 8 IF, NSTA NTA NEOUS FORWA RD CURRENT (A ) I(AV), AVERAGE OUTPUT CURRENT (A ) 20 1020 - 1045 6 1050 - 1060 1080 - 10100 4 10 2 Single Pulse Half-Wave 60 Hz Resistive or Inductive Load Tj = 25C Pulse Width = 300 s 2% Duty Cycle 0 10 40 60 80 100 120 140150 1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics TC, CASE TEM PERATURE ( C) Fig. 1 Forward Current Derating Curve 150 2000 IFSM , PEA K FORWA RD SURGE CURRENT (A) Tj = 25C f = 1MHz 120 Cj, CA PACITA NCE (p F) 8.3ms Single Half Sine-Wave JEDEC Method 90 1000 60 30 100 0 1 10 100 0.1 1.0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current VR, REVERSE VOLTAGE (V) Fig. 4 Ty p ical Ju nct io n Cap acit ance |
Price & Availability of MBRF10100 |